Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3KB4 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # D3KB4
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

D3KB4 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  D3KB4 Datasheet HTML 1Page - HY ELECTRONIC CORP. D3KB4 Datasheet HTML 2Page - HY ELECTRONIC CORP. D3KB4 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
D3KB05 THRU D3KB10
Features
D3K
Glass passivated chip
Low forward voltage drop
RoHS
Ideal for printed circuit board
COMPLIANT
High surge current capability
Meet UL flammability classification 94V-0
Mechanical Data
Polarity: Symbol marked on body
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
General purpose use in AC/DC bridge full wave rectification,
for SMPS, lighting ballaster, adapter, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol D3KB05 D3KB1 D3KB2 D3KB4 D3KB6 D3KB8 D3KB10
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward @ TC=140℃ (with heatsink)
Rectified Current @ Ta=29℃
(without heatsink)
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage per Diode at 1.5A DC
VF
V
Typical Thermal Resistance to Ambient (without heatsink)
RθJA
℃/W
Typical Thermal Resistance to case (with heatsink (Note2) )
RθJC
℃/W
Typical Thermal Resistance to lead (without heatsink)
RθJL
℃/W
Maximum DC Reverse Current at Rated @TJ=25℃
DC Blocking Voltage per Diode @TJ=125℃
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
Notes:1.The typical data above is for reference only
2. Device mounted on 50mm*50mm*1.6mm Cu plate heatsink.
D3KB*-U-00/99/92-00/01
Rev. 11, 18-May-2020
A
μA
Glass Passivated Bridge Rectifiers
90
5
500
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Amperes
Package Outline Dimensions in Inches (Millimeters)
Pb
A
-55 to +150
-55 to +150
I(AV)
IFSM
IR
33.6
1.05
37
1.5
5.5
3
1.2


Similar Part No. - D3KB4

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
D3KB4 BYTESONIC-D3KB4 Datasheet
192Kb / 2P
GLASSPASSIVATED BRIDGE
Version 1.0 2014/11/10
logo
DONGGUAN YOU FENG WEI E...
D3KB4 YFWDIODE-D3KB4 Datasheet
461Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Leshan Radio Company
D3KB40 LRC-D3KB40 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
D3KB40 ZSELEC-D3KB40 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D3KB40 WTE-D3KB40 Datasheet
51Kb / 4P
3.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - D3KB4

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com