Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE9263BQX Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9263BQX
Description  System Basis Chip Mid-Range System Basis Chip Family
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263BQX Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9263BQX Datasheet HTML 17Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 18Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 19Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 20Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 21Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 22Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 23Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 24Page - Infineon Technologies AG TLE9263BQX Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 175 page
background image
Datasheet
21
Rev. 1.1
2019-09-27
TLE9263BQX
System Features
5
System Features
This chapter describes the system features and behavior of the TLE9263BQX:
•
State machine
•
SBC mode control
•
Device configuration
•
State of supply and peripherals
•
System functions such as cyclic sense or cyclic wake
•
Supervision and diagnosis functions
The System Basis Chip (SBC) offers six operating modes:
•
SBC Init Mode: Power-up of the device and after a soft reset,
•
SBC Normal Mode: The main operating mode of the device,
•
SBC Stop Mode: The first-level power saving mode with the main voltage regulator VCC1 enabled,
•
SBC Sleep Mode: The second-level power saving mode with VCC1 disabled,
•
SBC Restart Mode: An intermediate mode after a wake event from SBC Sleep or Fail-Safe Mode or after a
failure (e.g. WD failure, VCC1 undervoltage reset) to bring the microcontroller into a defined state via a reset.
Once the failure condition is not present anymore the device will automatically change to SBC Normal Mode
after a delay time (
tRD1).
•
SBC Fail-Safe Mode: A safe-state mode after critical failures (e.g. WD failure, VCC1 undervoltage reset) to
bring the system into a safe state and to ensure a proper restart of the system. VCC1 is disabled. It is a
permanent state until either a wake event (via CAN, LINx or WKx) occurs or the overtemperature condition is
not present anymore.
A special mode, called SBC Development Mode, is available during software development or debugging of the
system. All above mentioned operating modes can be accessed in this mode. However, the watchdog counter
is stopped and does not need to be triggered. This mode can be accessed by setting the TEST pin to GND
during SBC Init Mode.
The device can be configured via hardware (external component) to determine the device behavior after a
watchdog trigger failure. See Chapter 5.1.1 for further information.
The System Basis Chip is controlled via a 16-bit SPI interface. A detailed description can be found in
Chapter 16.The configuration as well as the diagnosis is handled via the SPI. The SPI mapping of the
TLE9263BQX is compatible to other devices of the TLE926x and TLE927x families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com