Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2071AMUB Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2071AMUB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2071AMUB Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLE2071AMUB Datasheet HTML 45Page - Texas Instruments TLE2071AMUB Datasheet HTML 46Page - Texas Instruments TLE2071AMUB Datasheet HTML 47Page - Texas Instruments TLE2071AMUB Datasheet HTML 48Page - Texas Instruments TLE2071AMUB Datasheet HTML 49Page - Texas Instruments TLE2071AMUB Datasheet HTML 50Page - Texas Instruments TLE2071AMUB Datasheet HTML 51Page - Texas Instruments TLE2071AMUB Datasheet HTML 52Page - Texas Instruments TLE2071AMUB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
TLE207x, TLE207xA
EXCALIBUR LOW NOISE HIGHSPEED
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS181B − FEBRUARY 1997 − REVISED APRIL 2004
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
15
12
6
3
0
27
9
− 4
− 2.4
− 0.8
0.8
21
18
24
DISTRIBUTION OF TLE2071
INPUT OFFSET VOLTAGE
30
2.4
4
VIO − Input Offset Voltage − mV
VCC = ± 15 V
TA = 25°C
P Package
Figure 7
VIO − Input Offset Voltage − mV
10
8
4
2
0
18
6
− 4
− 2.4
− 0.8
0.8
14
12
16
DISTRIBUTION OF TLE2072
INPUT OFFSET VOLTAGE
20
2.4
4
VIO
600 Units Tested From One Wafer Lot
VCC = ± 15 V
TA = 25°C
P Package
Figure 8
VIO − Input Offset Voltage − mV
25
20
10
5
0
45
15
− 8
− 4.8
− 1.6
1.6
35
30
40
DISTRIBUTION OF TLE2074
INPUT OFFSET VOLTAGE
50
4.8
8
VIO
VCC = ± 15 V
TA = 25°C
N Package
Figure 9
15
12
6
3
0
27
9
− 40 − 32 − 24 −16 − 8
0
8
21
18
24
DISTRIBUTION OF TLE2071 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
30
16
24
32
40
VCC = ± 15 V
TA = − 55°C to 125°C
P Package
αVIO − Temperature Coefficient − µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com