Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13002ACTB0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS13002ACTB0
Description  High Voltage NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13002ACTB0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13002ACTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13002ACTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS13002A
1-2
2004/08 rev. C
TS13002A
High Voltage NPN Transistor
Pin assignment:
1. Emitter
2. Collector
3. Base
BVCEO = 400V
BVCBO = 700V
Ic = 0.3A
VCE (SAT), = 1.5V @ Ic / Ib = 200mA / 20mA
Features
High voltage.
High speed switching
Structure
Silicon triple diffused type.
NPN silicon transistor
Ordering Information
Part No.
Packing
Package
TS13002ACT B0
Bulk
TO-92
TS13002ACT A3
AMMO pack
TO-92
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700V
V
Collector-Emitter Voltage
VCEO
400V
V
Emitter-Base Voltage
VEBO
9
V
DC
0.3
Collector Current
Pulse
IC
0.5
A
Collector Power Dissipation
PD
0.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Electrical Characteristics
Ta = 25
oC unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 10mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 1mA, IC = 0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
10
uA
Emitter Cutoff Current
VEB = 7V, IC = 0
IEBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC / IB = 200mA / 20mA
IC / IB = 100mA / 10mA
VCE(SAT)1
VCE(SAT)2
--
--
--
--
1.5
1.0
V
VCE = 10V, IC = 10uA
hFE1
15
--
40
VCE = 10V, IC = 100mA
hFE2
25
--
40
DC Current Gain
VCE = 10V, IC = 280mA
hFE3
12
--
30
Frequency
VCE = 10V, IC = 0.1A
fT
4
--
--
MHz
Output Capacitance
VCB = 10V, f = 0.1MHz
Cob
--
21
--
pF
Turn On Time
tON
--
1.1
--
µS
Storage Time
tSTG
--
--
4
µS
Fall Time
VCC = 125V, IC = 100mA,
IB1 = IB2 = 20mA,
RL = 125ohm
tf
--
--
0.7
µS
Note : pulse test: pulse width <=5mS, duty cycle <=10%


Similar Part No. - TS13002ACTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS13002ACTB0 TSC-TS13002ACTB0 Datasheet
196Kb / 5P
High Voltage NPN Transistor
TS13002ACTB0G TSC-TS13002ACTB0G Datasheet
196Kb / 5P
High Voltage NPN Transistor
More results

Similar Description - TS13002ACTB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com