Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS34063CD Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS34063CD
Description  Dc to Dc Converter Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34063CD Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS34063CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34063CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34063CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34063CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34063CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34063CD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34063CD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34063CD Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS34063
2-8
2003/12 rev. C
Absolute Maximum Rating
Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VFB
- 0.3 ~ 40
V
Switch Collector Output Voltage
VC(SW)
40
V
Switch Emitter Voltage
VE(SW)
40
V
Switch Collector to Emitter Voltage
VCE(SW)
40
V
Driver Collector Voltage
Vc(driver)
40
V
Driver Collector Current (note 1)
Ic(driver)
100
mA
Output Switching Current
ISW
1.5
A
Power Dissipation
DIP-8
SOP-8
Pd
1.0
0.5
W
Operating Junction Temperature Range
TJ
-0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note: Maximum package power dissipation limits must be observed
Electrical Characteristics (V
CC =5V, Ta =25
oC; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Oscillator (OSC)
Frequency
FOSC
CT = 1nF, Vpin5= 0V
24
33
42
KHz
Charge Current
ICHARGE
VCC = 5V ~ 40V
--
30
--
uA
Discharge Current
IDISCHARGE
VCC = 5V ~ 40V
--
200
--
uA
Discharge to Charge current ratio
IDISCHARGE
/ ICHARGE
Pin7 to Vcc
--
6.5
--
--
Current Limit Sense Voltage
VIPK(SENSE)
IDISCHARGE = ICHARGE
250
--
350
mV
Output switch (note1)
Saturation Voltage
VCE(SAT)
ISW= 1A, pin1,8 connected)
--
1.0
1.3
V
Saturation Voltage
VCE(SAT)
ISW= 1A, Id=50mA
--
0.45
0.7
V
DC current gain
HFE
ISW = 1A, Vce= 0.5V
--
75
--
--
Collector off-state current
IC(OFF)
Vce= 40V
--
0.01
100
uA
Comparator
Threshold Voltae
VREF
1.225
1.25
1.275
V
Line regulation
RegLine
VCC = 3V ~ 40V
--
--
6
mV
Total device
Supply Current
ICC
VCC = 5V ~ 40V, CT = 1nF,
pin7=Vcc, pin5>Vth,
pin2=Gnd, remaining pins
open
--
3
5
mA
Note: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
temperature as possible
2. If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents (<=300mA)
and high driver currents (>=30mA), it may take up to 2uS for it to come out of saturation. This condition will
shorten the off time at frequencies >= 30KHz, and is magnified at high temperature. This condition does not
occur with a Darlington configuration, since the output switch cannot saturate. If a non-Darlington configuration
is used, the following output drive condition is recommended:
Forced Bata of output switch: Ic output / (Ic driver – 7mA*) >= 10
* The 100ohm resistor in the emitter of the driver divide requires about 7mA before the output switch conducts.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com