Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS34118CS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS34118CS
Description  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS34118CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TS34118
4-20
2004/09 rev. B
Electrical Characteristics (TA=+25, Vcc=5.0V, CD≤ 0.8V, unless noted)
Parameter
Symbol
Min
Typ
Max
Unit
System Distortion
(TA=+25℃, f=1.0KHz)
Rx mode (from FI to RXO, FO connected to RXI)
THDR
--
0.5
3.0
%
Tx mode (from MCI to HTO-/HTO+, includes
Tx attenuator)
THDT
--
0.8
3.0
%
1. All currents into a device pin are positive, those out of a pin are negative. Algebraic convention rather than magnitude
is used to define limits.
Simplified Block Diagram
Temperature Characteristics
Parameter
Typical Value @25℃
Typical Change –20 to +60℃
Vcc supply current (CD=0.8V)
5.0mA
-0.3%/℃
Vcc supply current (CD=2.0V)
400µA
-0.4%/℃
VB output voltage (Vcc=5.0V)
2.1V
+0.8%/℃
Attenuator gain (Max Gain)
+6.0dB
0.0008dB/℃
Attenuator gain (Max attenuation)
-46dB
0.004dB/℃
Attenuator input resistance (@ TXI, RXI)
10KΩ
+0.6%/℃
Dial tone detector threshold
15mV
+20µV/℃
CT source, sink current
±60µA
-0.15%/℃
Microphone, Hybrid amplifier offset
0 mV
±4.0µV/℃
Transmit-Receive switching threshold
1.0
±0.02%/℃
Sink current at RLO1, RLO2, TLO1, TLO2
4.0µA
-10nA/℃
Closed loop gain (HTO- to HTO+)
0 dB
0.001%/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com