Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA144CCU Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSA144CCU
Description  PNP Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSA144CCU Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSA144CCU Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSA144CCU Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSA144CCU Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSA144CCU Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSA144C
1-1
2003/12 rev. C
TSA144C
PNP Digital Transistor
Vcc = - 50V
Vin = - 40V ~ +10V
Io = - 100mA(max.)
Features
Build-in bias resistor enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit)
The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input. The also have the advantage of almost
completely eliminating parasitic effects.
Only the on/off conditions need to be set for operation,
making device design easy.
Complements the TSC144C
Ordering Information
Part No.
Packing
Package
TSA144CCX
SOT-23
TSA144CCU
Tape & Reel
SOT-323
Note:
x is the build-in resistor value type, option as
Code
R1 (KΩ)R2 (KΩ)
Marking
C
47
47
6C
Equivalent Circuit
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Supply Voltage
Vcc
- 50
V
Input Voltage
Vin
- 40 ~ +10
V
DC
-30
Output Current
Pulse
Io
- 100
mA
SOT-23
250
Power Dissipation
SOT-323
PD
200
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 300uS, Duty <= 2%
2. When mounted on an FR-4 PCB
Pin assignment:
1. Input (Base)
2. Gnd (Emitter)
3. Output (Collector)


Similar Part No. - TSA144CCU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSA14 ETC1-TSA14 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
STMicroelectronics
TSA1401 STMICROELECTRONICS-TSA1401 Datasheet
523Kb / 19P
14-BIT, 20MSPS, 85mW A/D CONVERTER
08-Oct-2002
TSA1401IF STMICROELECTRONICS-TSA1401IF Datasheet
523Kb / 19P
14-BIT, 20MSPS, 85mW A/D CONVERTER
08-Oct-2002
TSA1401IFT STMICROELECTRONICS-TSA1401IFT Datasheet
523Kb / 19P
14-BIT, 20MSPS, 85mW A/D CONVERTER
08-Oct-2002
logo
Littelfuse
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
More results

Similar Description - TSA144CCU

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
PNP Digital Transistor
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
PNP DIGITAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
PNP Digital Transistor
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
Digital Transistor(PNP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com