Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP15212 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP15212
Description  ~14째 spot beam.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP15212 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP15212 Datasheet HTML 1Page - Ledil, Inc. CP15212 Datasheet HTML 2Page - Ledil, Inc. CP15212 Datasheet HTML 3Page - Ledil, Inc. CP15212 Datasheet HTML 4Page - Ledil, Inc. CP15212 Datasheet HTML 5Page - Ledil, Inc. CP15212 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CP15212_CARMEN-S-B
CARMEN-S-B
~14°
spot
beam.
Assembly
with
holder
B
compatible with Ø40 mm BJB connectors.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.5 mm
Height
36.3 mm
Fastening
socket
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
CARMEN-S
Single lens
PMMA
clear
CARMEN-HLD-B
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP15212_CARMEN-S-B
» Box size: 476 x 273 x 292 mm
Single lens
150
150
15
6.1
Last update: 14/01/2020
Subject to change without prior notice
Published: 04/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - CP15212

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP15212 CREE-CP15212 Datasheet
1Mb / 19P
CARMEN series
More results

Similar Description - CP15212

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NCSxx19
CA11171 LEDIL-CA11171_18 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NS6x83.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
~14째 spot beam optimized for Avago Jade.
C10366 LEDIL-C10366_18 Datasheet
3Mb / 4P
~14째 smooth spot beam
C16255 LEDIL-C16255 Datasheet
2Mb / 4P
~14째 smooth spot beam
CP16937 LEDIL-CP16937 Datasheet
3Mb / 4P
~14째 spot beam.
C16731 LEDIL-C16731 Datasheet
7Mb / 7P
~14째 smooth spot beam
C13236 LEDIL-C13236 Datasheet
2Mb / 7P
~14째 spot beam
CP17594 LEDIL-CP17594 Datasheet
1Mb / 4P
~14째 spot beam
CP17588 LEDIL-CP17588 Datasheet
1Mb / 4P
~14째 diffused spot beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com