Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA13498 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13498
Description  ~60째 wide beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13498 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13498 Datasheet HTML 1Page - Ledil, Inc. CA13498 Datasheet HTML 2Page - Ledil, Inc. CA13498 Datasheet HTML 3Page - Ledil, Inc. CA13498 Datasheet HTML 4Page - Ledil, Inc. CA13498 Datasheet HTML 5Page - Ledil, Inc. CA13498 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CA13498_EMILY-WWW
EMILY-WWW
~60° wide beam. 13.43 mm high lens. Modified
version to fit CREE XM-L LEDs.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 26.0 mm
Height
13.4 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
EMILY-WWW
Single lens
PMMA
clear
SPUTNIK-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13498_EMILY-WWW
» Box size: 480 x 280 x 300 mm
Single lens
1690
260
130
8.9
Last update: 23/07/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - CA13498

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13498 CREE-CA13498 Datasheet
644Kb / 12P
Emily series
More results

Similar Description - CA13498

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14534 LEDIL-F14534 Datasheet
10Mb / 18P
~60째 wide beam
C15802 LEDIL-C15802 Datasheet
4Mb / 7P
~60째 wide beam
C16670 LEDIL-C16670 Datasheet
18Mb / 4P
~60째 wide beam
CA12589 LEDIL-CA12589 Datasheet
11Mb / 8P
~60째 wide beam
C13032 LEDIL-C13032 Datasheet
2Mb / 5P
~60째 wide beam
C13555 LEDIL-C13555 Datasheet
9Mb / 7P
~60째 wide beam
C16822 LEDIL-C16822 Datasheet
2Mb / 6P
~60째 wide beam
C16826 LEDIL-C16826 Datasheet
2Mb / 6P
~60째 wide beam
C16830 LEDIL-C16830 Datasheet
2Mb / 4P
~60째 wide beam
C12502 LEDIL-C12502 Datasheet
5Mb / 7P
~60째 wide beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com