Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA16204 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16204
Description  ~35째 spot beam with holder and installation tape
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16204 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16204 Datasheet HTML 1Page - Ledil, Inc. CA16204 Datasheet HTML 2Page - Ledil, Inc. CA16204 Datasheet HTML 3Page - Ledil, Inc. CA16204 Datasheet HTML 4Page - Ledil, Inc. CA16204 Datasheet HTML 5Page - Ledil, Inc. CA16204 Datasheet HTML 6Page - Ledil, Inc. CA16204 Datasheet HTML 7Page - Ledil, Inc. CA16204 Datasheet HTML 8Page - Ledil, Inc. CA16204 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CA16204_GABRIELLA-MIDI-W
GABRIELLA-MIDI-W
~35° spot beam with holder and installation tape
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.5 mm
Height
24.2 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
GABRIELLA-MIDI-W
Single lens
PMMA
clear
GABRIELLA-MIDI-HLD
Assembly
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA16204_GABRIELLA-MIDI-W
» Box size: 476 x 273 x 292 mm
Single lens
500
100
50
11.5
Last update: 22/03/2019
Subject to change without prior notice
Published: 20/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - CA16204

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16202 LEDIL-CA16202 Datasheet
2Mb / 26P
Gabriella Assembly
logo
Intelligent LED Solutio...
CA16202_GABRIELLA-MIDI-S ILS-CA16202_GABRIELLA-MIDI-S Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
logo
Ledil, Inc.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
CA16205 LEDIL-CA16205 Datasheet
7Mb / 7P
~1240째 oval beam with holder and installation tape
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
~6째 real spot beam. Assembly with holder and installation tape.
More results

Similar Description - CA16204

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
CA12376 LEDIL-CA12376_18 Datasheet
9Mb / 8P
~20째 smooth spot beam. Assembly with holder and installation tape.
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
~6째 real spot beam. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
CX15819 LEDIL-CX15819 Datasheet
3Mb / 5P
~35째 wide beam with holder and installation tape
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
~9째 spot beam with holder and installation tape
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com