Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP12199 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP12199
Description  ~40째 wide beam optimized for CREE XM-L
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12199 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP12199 Datasheet HTML 1Page - Ledil, Inc. CP12199 Datasheet HTML 2Page - Ledil, Inc. CP12199 Datasheet HTML 3Page - Ledil, Inc. CP12199 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP12199_EVA-W
EVA-W
~40° wide beam optimized for CREE XM-L.
Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.7 mm
Height
17 mm
Fastening
glue, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
EVA-W
Single lens
PMMA
clear
EVA-HLD-XM
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP12199_EVA-W
» Box size: 480 x 280 x 300 mm
Single lens
675
90
45
10.0
Last update: 01/06/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CP12199

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12199 CREE-CP12199 Datasheet
91Kb / 2P
Eva series
CP12199-EVA-W CREE-CP12199-EVA-W Datasheet
583Kb / 7P
Eva series
More results

Similar Description - CP12199

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12200 LEDIL-CP12200 Datasheet
1Mb / 4P
~55째 wide beam optimized for CREE XM-L
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
FCA12777 LEDIL-FCA12777 Datasheet
3Mb / 5P
~25째 medium beam optimized for CREE XM-L.
CA12392 LEDIL-CA12392 Datasheet
2Mb / 7P
~40째 wide beam optimized for CREE XP-E.
CA12667 LEDIL-CA12667 Datasheet
1Mb / 4P
~40째 wide beam optimized for CREE XB-D.
CP12395 LEDIL-CP12395 Datasheet
1Mb / 5P
~40째 wide beam optimized for CREE XP-E.
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
FA11939 LEDIL-FA11939 Datasheet
1Mb / 5P
~25째 medium beam optimized for CREE XM-L.
FCN12775 LEDIL-FCN12775 Datasheet
4Mb / 6P
~40째 x 30째 oval beam with sublens and holder optimized for CREE XM-L.
FA11937 LEDIL-FA11937 Datasheet
1Mb / 5P
~9.6째 spot beam optimized for CREE XM-L.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com