Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS7715 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCS7715
Description  USB to Combo Serial & Printer Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS7715 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCS7715 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS7715 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2-11
MCS7715
USB to Combo Serial & Printer Port
MCS7715 Pin Assignment
INIT
PD2
nSLCTIN
PD3
PD4
3.3V
GND
PD5
TX
PD6
PD7
nACK
5V
3.3V
XTAL1
XTAL2
GND
TSTPLL
TSTMODE
GND
DM
DP
3.3V
RESET
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
MCS7715CQ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com