Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1751079 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751079
Description  Printed-circuit board connector - IPC 16/ 3-G-10,16 1CSS1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751079 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751079 Datasheet HTML 1Page - PHOENIX CONTACT 1751079 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1751079
10/29/2015   Page 1 / 2
Printed-circuit board connector - IPC 16/ 3-G-10,16 1CSS1 - 1751079
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 76 A, Number of positions: 3, Pitch: 10.16 mm, Color: green, Contact surface: Silver
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
2.7 g
Custom tariff number
85366990
Country of origin
Poland
Technical data
Dimensions
Pitch
10.16 mm
Dimension a
20.32 mm
Constructional height
14 mm
Length of the solder pin
4 mm
General
Range of articles
IPC 16/..-G
Rated voltage (III/3)
1000 V
Nominal current IN
76 A
Color
green
Number of positions
3
Classifications
eCl@ss
eCl@ss 4.0
27141111
eCl@ss 4.1
27141109
eCl@ss 5.0
27141190
eCl@ss 5.1
27141190
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440402


Similar Part No. - 1751079

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17510 VICOR-17510 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
logo
Freescale Semiconductor...
17510 FREESCALE-17510 Datasheet
407Kb / 14P
1.2 A 15 V H-Bridge Motor Driver IC
logo
Vicor Corporation
17510-6 VICOR-17510-6 Datasheet
68Kb / 1P
HTSNK, A X-FLOW, .4H LOW FLOW, THREADED
logo
Advantech Co., Ltd.
1751000017-01 ADVANTECH-1751000017-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
1751000018-01 ADVANTECH-1751000018-01 Datasheet
1Mb / 3P
Waterproof Outdoor Data Gateway with All-Around IP69K/IP68 Rating
5-Jul-2021
More results

Similar Description - 1751079

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1969409 PHOENIX-1969409 Datasheet
203Kb / 11P
Printed-circuit board connector - IPC 16/ 5-ST-10,16
1975820 PHOENIX-1975820 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 3-STGF-10,16
1733819 PHOENIX-1733819 Datasheet
51Kb / 3P
Printed-circuit board connector - IPC 16/ 2-G-10,16 BK
1733822 PHOENIX-1733822 Datasheet
51Kb / 3P
Printed-circuit board connector - IPC 16/ 3-G-10,16 BK
1737323 PHOENIX-1737323 Datasheet
71Kb / 5P
Printed-circuit board connector - IPC 16/ 3-STF-SH-10,16
1975846 PHOENIX-1975846 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 5-STGF-10,16
1975859 PHOENIX-1975859 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 6-STGF-10,16
1975875 PHOENIX-1975875 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 8-STGF-10,16
1975888 PHOENIX-1975888 Datasheet
96Kb / 6P
Printed-circuit board connector - IPC 16/ 9-STGF-10,16
1969548 PHOENIX-1969548 Datasheet
147Kb / 5P
IPC 16/ 3-G-10,16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com