Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1750142 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1750142
Description  STB 3/4-ST-5,08
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750142 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1750142 Datasheet HTML 1Page - PHOENIX CONTACT 1750142 Datasheet HTML 2Page - PHOENIX CONTACT 1750142 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Mar 19, 2010
Extract from the online
catalog
 
STB 3/4-ST-5,08
Order No.: 1752043
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1752043
 
 
Plug component, Pitch: 5.08 mm, Number of positions: 4, Connection
type: Screw connection, Color: green
 
Commercial data
EAN
4017918028367
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.01171 KG
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CSA, UL
CSA
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
28-14


Similar Part No. - 1750142

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1750148 PHOENIX-1750148 Datasheet
442Kb / 10P
MCDNV 1,5/ 6-G1-3,81 P14THR - PCB header
More results

Similar Description - 1750142

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1792252 PHOENIX-1792252 Datasheet
177Kb / 7P
MVSTBR 2,5/ 3-ST-5,08
1792760 PHOENIX-1792760 Datasheet
156Kb / 7P
MVSTBW 2,5/ 3-ST-5,08
1786187 PHOENIX-1786187 Datasheet
146Kb / 7P
IC 2,5/ 3-ST-5,08
1779990 PHOENIX-1779990 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
1826296 PHOENIX-1826296 Datasheet
129Kb / 7P
SMSTB 2,5/ 3-ST-5,08
1873061 PHOENIX-1873061 Datasheet
143Kb / 7P
FKC 2,5/ 3-ST-5,08
1750032 PHOENIX-1750032 Datasheet
64Kb / 5P
PCB terminal block - STB 3/3-5,08
1981759 PHOENIX-1981759 Datasheet
135Kb / 6P
FKICS 2,5/ 3-ST-5,08
1975082 PHOENIX-1975082 Datasheet
148Kb / 7P
FKCS 2,5/ 3-ST-5,08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com