Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM4405P Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4405P
Description  Single P-Channel 1.8V Specified MicroSURF MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4405P Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4405P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4405P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4405P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4405P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4405P Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4405P Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM4405P
2-6
2003/10 rev. F
Electrical Characteristics
Ta = 25
oC, unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = - 250uA
BVDSS
- -
--
-12
V
VGS = - 4.5V, ID = -1.0A
--
--
55
VGS = - 2.5V, ID = -1.0A
--
--
70
Drain-Source On-State Resistance
VGS = - 1.8V, ID = -1.0A
RDS(ON)
--
--
90
mΩ
Gate Threshold Voltage
VDS = VGS, ID = - 250uA
VGS(TH)
--
- 0.7
--
V
Ta=25
oC
--
--
- 1.0
Zero Gate Voltage Drain Current
VDS =-12V,
VGS = 0V
Ta=70
oC
IDSS
--
--
- 5.0
uA
Gate Body Leakage
VGS = ± 8V, VDS = 0V
IGSS
--
--
± 100
nA
Dynamic
Total Gate Charge
VDS = - 6V, ID = - 1.0A,
VGS = - 4.5V
Qg
--
9.0
--
nC
Input Capacitance
Ciss
--
800
--
Output Capacitance
Coss
--
250
--
Reverse Transfer Capacitance
VDS = - 12V, VGS = 0V,
f = 1.0MHz
Crss
--
100
--
pF
Source-Drain Diode
Max. Diode Forward Current
IS
--
--
- 1.0
A
Diode Forward Voltage
IS = - 1.0A, VGS = 0V
VSD
--
- 0.7.1
- 1.2
V
Source-Drain Reverse Recovery
Time
IS = - 1.0A, VGS = 0V,
di / dt = 100A / uS
Trr
--
40
--
nS
Note : pulse test: pulse width <=300uS, duty cycle <=2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com