Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM4050AMR Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4050AMR
Description  200mA linear lithium ion battery charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4050AMR Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4050AMR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050AMR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050AMR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050AMR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050AMR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050AMR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050AMR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4050AMR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
●热限制
如果芯片温度升至135C以上时,一个内部热反馈环路将减小设定的充电电流。该功能可防止 HM4050AMR过热,并允
许用户提高给定电路板功率处理能力的上限而减小损坏
HM4050AMR的风险。
●欠压锁闭
HM4050AMR拥有一个内部欠压锁定电路对输入电压进行监控,在VCC升至欠压锁定门限电压之前使芯片保持在停机工
作模式。当VCC电压升高至3.8V之后,芯片退出UVLO,开始正常工作。VCC下降时的UVLO迟滞电压为200mV。
●自动充电循环
电池电压达到浮充电压,充电循环被终止之后,
HM4050AMR立即对BAT端电压进行监控。当BAT端电压低于4.1V时,
充电循环重新开始。确保了电池被维持在一个接近满电的状态,同时免除了进行周期性充电循环启动的需要。
HM4050AMR
200mA线性锂离子电池充电器



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com