Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA10716 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA10716
Description  ~20째 spot beam. Assembly with 0.4 mm thick installation tape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10716 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA10716 Datasheet HTML 1Page - Ledil, Inc. CA10716 Datasheet HTML 2Page - Ledil, Inc. CA10716 Datasheet HTML 3Page - Ledil, Inc. CA10716 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10716_BOOM-S
BOOM-S
~20° spot beam. Assembly with 0.4 mm thick
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
22.2 mm
Height
13.7 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
BOOM-MC-S
Reflector
PC
metal
TINA-TAPE3
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA10716_BOOM-S
» Box size:
Reflector
1680
336
112
0.0
Last update: 29/11/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CA10716

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA10716 CREE-CA10716 Datasheet
291Kb / 5P
Boom series
logo
Ledil, Inc.
CA10716-BOOM-S LEDIL-CA10716-BOOM-S Datasheet
291Kb / 5P
Boom series
CA10716_BOOM-MC-S LEDIL-CA10716_BOOM-MC-S Datasheet
1Mb / 4P
Boom-MC reflector for Cree’s MC-E series of LEDs
2009-11-28
More results

Similar Description - CA10716

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12376 LEDIL-CA12376_18 Datasheet
9Mb / 8P
~20째 smooth spot beam. Assembly with holder and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
FA16987 LEDIL-FA16987 Datasheet
3Mb / 4P
~20째 medium beam. Assembly with installation tape.
CA13057 LEDIL-CA13057 Datasheet
3Mb / 8P
~100째 x 20째 oval beam. Assembly with installation tape
CA10928 LEDIL-CA10928 Datasheet
1Mb / 4P
~30째 medium beam. Assembly with 0.4 mm thick installation tape.
CA10929 LEDIL-CA10929 Datasheet
1Mb / 4P
~55째 wide beam. Assembly with 0.4 mm thick installation tape
CA11181 LEDIL-CA11181 Datasheet
1Mb / 5P
~25째 spot beam. Assembly with installation tape.
CA12957 LEDIL-CA12957 Datasheet
1Mb / 5P
~70째 wide beam. Assembly with 0.2 mm thick installation tape.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com