Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11181 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11181
Description  ~25째 spot beam. Assembly with installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11181 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11181 Datasheet HTML 1Page - Ledil, Inc. CA11181 Datasheet HTML 2Page - Ledil, Inc. CA11181 Datasheet HTML 3Page - Ledil, Inc. CA11181 Datasheet HTML 4Page - Ledil, Inc. CA11181 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA11181_BROOKE-S
BROOKE-S
~25° spot beam. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 45.0 mm
Height
20.1 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
BROOKE-S
Reflector
PC
metal
BROOKE-TAPE
Tape
PU tape
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA11181_BROOKE-S
» Box size: 480 x 280 x 300 mm
Reflector
384
96
32
3.2
Last update: 11/11/2016
Subject to change without prior notice
Published: 02/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - CA11181

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11181 CREE-CA11181 Datasheet
566Kb / 9P
BROOKE-tape series
logo
Ledil, Inc.
CA11181-BROOKE-S LEDIL-CA11181-BROOKE-S Datasheet
566Kb / 9P
BROOKE-tape series
More results

Similar Description - CA11181

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
CA10298 LEDIL-CA10298 Datasheet
2Mb / 4P
~25째 medium beam. 16.2 mm high assembly with installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
FCA15008 LEDIL-FCA15008_18 Datasheet
7Mb / 4P
~25째 medium beam. Assembly with black holder and installation tape.
CA14941 LEDIL-CA14941 Datasheet
4Mb / 5P
~25째 medium beam. Assembly with location pins and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
~11째 spot beam beam. Assembly with holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com