Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFKA/012-2ZSPTC Datasheet(PDF) 6 Page - Hongfa Technology

Part # HFKA/012-2ZSPTC
Description  AUTOMOTIVE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFKA/012-2ZSPTC Datasheet(HTML) 6 Page - Hongfa Technology

  HFKA/012-2ZSPTC Datasheet HTML 1Page - Hongfa Technology HFKA/012-2ZSPTC Datasheet HTML 2Page - Hongfa Technology HFKA/012-2ZSPTC Datasheet HTML 3Page - Hongfa Technology HFKA/012-2ZSPTC Datasheet HTML 4Page - Hongfa Technology HFKA/012-2ZSPTC Datasheet HTML 5Page - Hongfa Technology HFKA/012-2ZSPTC Datasheet HTML 6Page - Hongfa Technology HFKA/012-2ZSPTC Datasheet HTML 7Page - Hongfa Technology HFKA/012-2ZSPTC Datasheet HTML 8Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
34
Remark: * For Single relay, L is 20mm; for Twin relay, L is 28mm.
1. Coil operating voltage range
Ambient temperature (
)
1) There should be no contact load applied when maximum
continuous operation voltage is applied on coil.
2) The operating voltage is connected with coil pre-
energized time and voltage. After pre-energized, the
operating voltage will increase.
3) The maximum allowable coil temperature is 180
. For
the coil temperature rise which is measured by
resistance is average value, we recommend the coil
temperature should be below 170
under the different
application ambient, different coil voltage and different
load etc.
4) If the actual operating coil voltage is out of the specified
range, please contact Hongfa for further details.
Ambient temperature (
)
1) There should be no contact load applied when maximum
continuous operation voltage is applied on coil.
2) The operating voltage is connected with coil pre-
energized time and voltage. After pre-energized, the
operating voltage will increase.
3) The maximum allowable coil temperature is 180
. For
the coil temperature rise which is measured by
resistance is average value, we recommend the coil
temperature should be below 170
under the different
application ambient, different coil voltage and different
load etc.
4) If the actual operating coil voltage is out of the specified
range, please contact Hongfa for further details.
24
22
20
18
16
14
12
10
8
6
4
2
0
-40
-20
0
20
40
60
80
100
-60
24
22
20
18
16
14
12
10
8
6
4
2
0
-40
-20
0
20
40
60
80
100
-60
Unit: mm
TAPE AND REEL PACKING
CHARACTERISTIC CURVES
225
coil resistance
Upick-up (after pre-energization under Unomi.)
Umax.
Upick-up (initial)
180
coil resistance
Upick-up (after pre-energization under Unomi.)
Umax.
Upick-up (initial)
Tape Dimensions
4
2
L
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com