Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD112T4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD112T4
Description  Complementary Darlington Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD112T4 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD112T4 Datasheet HTML 1Page - ON Semiconductor MJD112T4 Datasheet HTML 2Page - ON Semiconductor MJD112T4 Datasheet HTML 3Page - ON Semiconductor MJD112T4 Datasheet HTML 4Page - ON Semiconductor MJD112T4 Datasheet HTML 5Page - ON Semiconductor MJD112T4 Datasheet HTML 6Page - ON Semiconductor MJD112T4 Datasheet HTML 7Page - ON Semiconductor MJD112T4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJD112 (NPN) MJD117 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
−
Vdc
Collector Cutoff Current
(VCE = 50 Vdc, IB = 0)
ICEO
−
20
mAdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
ICBO
−
20
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
−
2
mAdc
Collector−Cutoff Current (VCB = 80 Vdc, IE = 0)
ICBO
−
10
mAdc
Emitter−Cutoff Current (VBE = 5 Vdc, IC = 0)
IEBO
−
2
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 0.5 Adc, VCE = 3 Vdc)
(IC = 2 Adc, VCE = 3 Vdc)
(IC = 4 Adc, VCE = 3 Vdc)
hFE
500
1000
200
−
12,000
−
−
Collector−Emitter Saturation Voltage
(IC = 2 Adc, IB = 8 mAdc)
(IC = 4 Adc, IB = 40 mAdc)
VCE(sat)
−
−
2
3
Vdc
Base−Emitter Saturation Voltage (IC = 4 Adc, IB = 40 mAdc)
VBE(sat)
−
4
Vdc
Base−Emitter On Voltage (IC = 2 Adc, VCE = 3 Vdc)
VBE(on)
−
2.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 0.75 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
25
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJD117
MJD112
Cob
−
−
200
100
pF
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
*These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ORDERING INFORMATION
Device
Package Type
Package
Shipping†
MJD112
DPAK
369C
75 Units / Rail
MJD112−001
DPAK−3
369D
75 Units / Rail
MJD112RL
DPAK
369C
1800 Tape & Reel
MJD112T4
DPAK
369C
2500 Tape & Reel
MJD112T4G
DPAK
(Pb−Free)
369C
2500 Tape & Reel
MJD117
DPAK
369C
75 Units / Rail
MJD117G
DPAK
(Pb−Free)
369C
75 Units / Rail
MJD117−001
DPAK−3
369D
75 Units / Rail
MJD117T4
DPAK
369C
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com