Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754740 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754740
Description  MSTB 2,5/17-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754740 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754740 Datasheet HTML 1Page - PHOENIX CONTACT 1754740 Datasheet HTML 2Page - PHOENIX CONTACT 1754740 Datasheet HTML 3Page - PHOENIX CONTACT 1754740 Datasheet HTML 4Page - PHOENIX CONTACT 1754740 Datasheet HTML 5Page - PHOENIX CONTACT 1754740 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/17-ST
Order No.: 1754740
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1754740
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 17, Pitch: 5 mm, Color: green, Metal surface: Sn
 
Commercial data
GTIN (EAN)
4
017918
028916
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 126 (CC-2005)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
80 mm
Number of positions
17
Screw thread
M3
Tightening torque, min
0.5 Nm


Similar Part No. - 1754740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754740 PHOENIX-1754740 Datasheet
180Kb / 5P
MDSTB 2,5/17-G1
More results

Similar Description - 1754740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754520 PHOENIX-1754520 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1754546 PHOENIX-1754546 Datasheet
142Kb / 6P
MSTB 2,5/ 7-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
1757161 PHOENIX-1757161 Datasheet
123Kb / 9P
Printed-circuit board connector - MSTB 2,5/17-ST-5,08
1703985 PHOENIX-1703985 Datasheet
50Kb / 3P
MSTB 2,5/ 6-ST BKBDWH:17-B
1786983 PHOENIX-1786983 Datasheet
148Kb / 5P
MSTB 2,5/17-STF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com