Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAISY-MINI-M Datasheet(PDF) 2 Page - Ledil, Inc.

Part # DAISY-MINI-M
Description  ~30째 wide beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

DAISY-MINI-M Datasheet(HTML) 2 Page - Ledil, Inc.

  DAISY-MINI-M Datasheet HTML 1Page - Ledil, Inc. DAISY-MINI-M Datasheet HTML 2Page - Ledil, Inc. DAISY-MINI-M Datasheet HTML 3Page - Ledil, Inc. DAISY-MINI-M Datasheet HTML 4Page - Ledil, Inc. DAISY-MINI-M Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT
DATASHEET
DAISY-MINI-M
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F17029_DAISY-MINI-M
» Box size: 398 x 298 x 265 mm
Linear lens
252
252
12
5.8
F17666_DAISY-MINI-SHD-MET
» Box size: 398 x 298 x 265 mm
Shade
252
252
4
F17033_DAISY-MINI-SHD-WHT
» Box size: 398 x 298 x 265 mm
Shade
252
252
4
5.9
F17667_DAISY-MINI-SHD-MET-MATT
» Box size: 398 x 298 x 265 mm
Shade
252
252
4
F17034_DAISY-MINI-SHD-MATT
» Box size: 398 x 298 x 265 mm
Shade
252
252
4
6.1
F17028_DAISY-MINI-SHD
» Box size: 398 x 298 x 265 mm
Shade
252
252
4
5.9
F17465_DAISY-MINI-SHD-WHT-MATT
» Box size: 398 x 298 x 265 mm
Shade
252
252
4
6.2
Last update: 24/02/2020
Subject to change without prior notice
Published: 09/03/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com