Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV801ASTZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 35Page - Analog Devices ADAV801ASTZ Datasheet HTML 36Page - Analog Devices ADAV801ASTZ Datasheet HTML 37Page - Analog Devices ADAV801ASTZ Datasheet HTML 38Page - Analog Devices ADAV801ASTZ Datasheet HTML 39Page - Analog Devices ADAV801ASTZ Datasheet HTML 40Page - Analog Devices ADAV801ASTZ Datasheet HTML 41Page - Analog Devices ADAV801ASTZ Datasheet HTML 42Page - Analog Devices ADAV801ASTZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ADAV801
Rev. 0 | Page 39 of 56
RxValid
Emphasis
Mask
nAudio
Mask
onA
Preamble
Mask
CRCError
Mask
Stream
Mask
BiPhas
Parity
Mask
Lock Mask
Table 40. Receiver Error Mask Register
Mask
ity
No
N
udio
No
e/
7
6
5
4
3
2
1
0
ADDRESS = 0011001 (0x19)
RxValidity Mask
rating an interrupt.
Masks the RxValidity bit from gene
0 = RxValidity bit does not generate an interrupt.
terrupt.
k
an interrupt.
0 = NonAudio bit does not generate an interrupt.
1 = NonAudio bit generates an interrupt.
nAudio preamble bit from generating an interrupt.
0 = NonAudio preamble bit does not gene
e an interru
onAudio preamble bit generates an interrupt.
ask
NoStream Mask
BiPhase/Parity Mask
an interrupt.
1 = RxValidity bit generates an interrupt.
Emphasis Mask
Masks the emphasis bit from generating an in
0 = Emphasis bit does not generate an interrupt.
1 = Emphasis bit generates an interrupt.
NonAudio Mas
Masks the NonAudio bit from generating
NonAudio Preamble
Masks the No
Mask
rat
pt.
1 = N
CRCError M
Masks the CRCError bit from generating an interrupt.
0 = CRCError bit does not generate an interrupt.
1 = CRCError bit generates an interrupt.
Masks the NoStream bit from generating an interrupt.
0 = NoStream bit does not generate an interrupt.
1 = NoStream bit generates an interrupt.
Masks the BiPhase/Parity bit from generating
0 = BiPhase/Parity bit does not generate an interrupt.
1 = BiPhase/Parity bit generates an interrupt.
Lock Mask
Masks the Lock bit from generating an interrupt.
0 = Lock bit does not generate an interrupt.
1 = Lock bit generates an interrupt.
Table 41. Sample Rate Co
RES
RES
RES
RES
TOO_SLOW
OVRL
OVRR
MUTE_IND
nverter Error Register (Read Only)
7
6
5
4
3
2
1
0
ADDRESS = 0011010 (0x1A)
TOO_SLOW
This bit is set, when the clock to the SRC is too slow, that is, there are not enough clock cycles to complete the
internal convolution.
OVRL
This bit is set, when the left output data of the sample rate converter has gone over the full-scale range and has been
clipped. This bit is not cleared until the register is read.
OVRR
This bit is set, when the right output data of the sample rate converter has gone over the full-scale range and has
been clipped. This bit is not cleared until the register is read.
MUTE_IND
Mute indicated. This bit is set, when the SRC is in fast mode and clicks or pops can be heard in the SRC output data.
The output of the SRC can be muted, if required, until the SRC is in slow mode. Once read, this bit remains in its state
and does not generate an interrupt until it has changed state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com