Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1756612 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756612
Description  MSTB 2,5/20-ST BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756612 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756612 Datasheet HTML 1Page - PHOENIX CONTACT 1756612 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 2
http://www.phoenixcontact.de
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/20-ST BK
Order No.: 1756612
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1756612
 
 
Plug component, Number of positions: 20, Pitch: 5 mm
 
Commercial data
GTIN (EAN)
4
017918
231767
Note
Made-to-order
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1756612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756605 PHOENIX-1756605 Datasheet
90Kb / 3P
Printed-circuit board connector - ZEC 1,5/ 2-ST-5,0 C1,2 R1,2
11/04/2018
More results

Similar Description - 1756612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1756256 PHOENIX-1756256 Datasheet
108Kb / 5P
MSTB 2,5/ 2-ST BK
1758856 PHOENIX-1758856 Datasheet
96Kb / 2P
MSTB 2,5/ 2-ST-5,08 BK
1759910 PHOENIX-1759910 Datasheet
103Kb / 3P
MSTB 2,5/12-ST-5,08 BK
1756272 PHOENIX-1756272 Datasheet
109Kb / 5P
MSTB 2,5/ 3-ST BK
1756353 PHOENIX-1756353 Datasheet
96Kb / 2P
MSTB 2,5/ 7-ST BK
1756379 PHOENIX-1756379 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST BK
1756418 PHOENIX-1756418 Datasheet
96Kb / 2P
MSTB 2,5/10-ST BK
1756531 PHOENIX-1756531 Datasheet
96Kb / 2P
MSTB 2,5/16-ST BK
1758940 PHOENIX-1758940 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST-5,08 BK
1759703 PHOENIX-1759703 Datasheet
97Kb / 2P
MSTB 2,5/14-ST-5,08 BK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com