Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5814 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5814
Description  Bluetooth headset backup power
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5814 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5814 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5814 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
蓝牙耳机备用电源
灯显模式
4灯模式(放电)
电量 C(%)
D1
D2
D3
D4
C≥75%
亮
亮
亮
亮
50%≤C<75%
亮
亮
亮
灭
25%≤C<50%
亮
亮
灭
灭
3%≤C<25%
亮
灭
灭
灭
0%<C<3%
1Hz 闪烁
灭
灭
灭
4 灯模式(充电)
电量 C(%)
D1
D2
D3
D4
充满(4.20V)
亮
亮
亮
亮
75%≤C<充满
亮
亮
亮
0.5Hz 闪烁
50%≤C<75%
亮
亮
0.5Hz 闪烁
灭
25%≤C<50%
亮
0.5Hz 闪烁
灭
灭
C<25%
0.5Hz 闪烁
灭
灭
灭
3 灯显示方式与四灯类似,每颗灯对应的电池电量如下表
电量 C(%)
D1
D2
D3
D4
三颗灯
3%
66%
100%
无
四颗灯
25%
50%
75%
100%
2 灯模式
状态
D1
D2
充电
充电
0.5Hz 闪烁
灭
充满
亮
灭
放电
足电(>3.1V)
灭
亮
低电(<3.1V)
灭
1Hz 闪烁
1 灯模式
状态
D1
充电
充电
0.5Hz 闪烁
充满
亮
放电
足电(>3.1V)
亮
低电(<3.1V)
1Hz 闪烁
*注意不同类型和容量的电池可能会产生指示灯电量指示偏差
HM581



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com