Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10891 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10891
Description  ~18째 spot beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10891 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10891 Datasheet HTML 1Page - Ledil, Inc. C10891 Datasheet HTML 2Page - Ledil, Inc. C10891 Datasheet HTML 3Page - Ledil, Inc. C10891 Datasheet HTML 4Page - Ledil, Inc. C10891 Datasheet HTML 5Page - Ledil, Inc. C10891 Datasheet HTML 6Page - Ledil, Inc. C10891 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C10891_GT3-S
GT3-S
~18° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35.0 mm
Height
9 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
GT3-S
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C10891_GT3-S
» Box size: 300 x 250 x 250 mm
864
144
144
4.5
Last update: 21/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C10891

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10891 CREE-C10891 Datasheet
611Kb / 10P
Gt3 series
logo
Ledil, Inc.
C10891_GT3-XP-S LEDIL-C10891_GT3-XP-S Datasheet
743Kb / 3P
GT3-XP lenses for Cree XP-E/C series of LEDs
2010-02-17
More results

Similar Description - C10891

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA13646 LEDIL-FA13646 Datasheet
2Mb / 4P
~18째 diffused spot beam. Assembly with colour mixing lens, holder and installation tape.
FCP14966 LEDIL-FCP14966 Datasheet
6Mb / 7P
~18째 diffused spot beam
FCP15345 LEDIL-FCP15345 Datasheet
6Mb / 5P
~18째 diffused spot beam
CP14996 LEDIL-CP14996 Datasheet
8Mb / 8P
~18째 diffused spot beam
FCA15450 LEDIL-FCA15450_18 Datasheet
7Mb / 6P
~18째 diffused spot beam
C13117 LEDIL-C13117 Datasheet
13Mb / 23P
~18째 smooth spot beam
F12916 LEDIL-F12916 Datasheet
1Mb / 6P
~5.1째 spot beam
C12041 LEDIL-C12041 Datasheet
3Mb / 6P
~13째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
CA12537 LEDIL-CA12537 Datasheet
4Mb / 11P
~8째 spot beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com