Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA035XSL Datasheet(PDF) 8 Page - AZ Displays

Part # PA035XSL
Description  This technical specification applies to 3.5inch color TFT-LCD panel.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PA035XSL Datasheet(HTML) 8 Page - AZ Displays

Back Button PA035XSL Datasheet HTML 4Page - AZ Displays PA035XSL Datasheet HTML 5Page - AZ Displays PA035XSL Datasheet HTML 6Page - AZ Displays PA035XSL Datasheet HTML 7Page - AZ Displays PA035XSL Datasheet HTML 8Page - AZ Displays PA035XSL Datasheet HTML 9Page - AZ Displays PA035XSL Datasheet HTML 10Page - AZ Displays PA035XSL Datasheet HTML 11Page - AZ Displays PA035XSL Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PA035XSL
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not
be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View
International Co., Ltd.
Page:8
7. Absolute Maximum Ratings:
The followings are maximum values , which if exceeded, may cause faulty operation or
damage to the unit.
GND = 0 V, Ta = 25 ℃
Parameter
Symbol
MIN.
MAX.
Unit Remark
Analog
AVDD
-0.3
+7.0
Supply Voltage
for Source Driver
Digital
VDD
-0.3
+7.0
Positive
VGH
-0.3
+45
V
Negative
VGL
-23
+0.3
V
Supply Voltage
for Gate Driver
VGH-VGL
+15
+40
V
Analog input voltage
VVideo
-0.3
+7.3
V
Notes:7-1
Storage Temperature
-20
+70
Operation Temperature
0
+60
Notes:7-2
Notes 7-1 : Analog Input Voltage means VR,VG,VB.
Notes 7-2 : Operating Temperature define that contrast, response time, other display
optical character are Ta=+25.
8. Electrical Characteristics
8-1) Operating Condition
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
VCC
VDD
+3.0
+3.3
+3.6
V
AVDD
+4.5
+5.0
+5.5
V
VGH
+15.0
+17.0
+19.0
V
VEE
-15.5
-15.0
-14.5
V
VGL AC
-
+6.0
-
VP-P
AC Component
of VGL
Power Supply
VGL DC
-12.5
-11.0
-9.5
V
DC Component
of VGL
Vi AC
-
+4.0
+4.2
VP-P
AC Component
Note 8-2
Video Signal
(VR, VG, VB)
Vi DC
-
+2.5
-
V
DC Component
VCOM AC
-
+6.0
-
VP-P
AC Component
of VCOM
VCOM
VCOM DC
0.76
0.96
11.6
V
DC Component
of VCOM
H Level +0.7 V
DD
-
-
-
V
L Level
-
-
+0.3 VDD +0.3 VDD
V
Note 8-1
Note 8-1:STH1,STH2,CPH1,CPH2,CPH3,Q2H,INH,CPV,XOE,DIO1,DIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com