Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12893 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12893
Description  ~30째 wide round shaped beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12893 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12893 Datasheet HTML 1Page - Ledil, Inc. CA12893 Datasheet HTML 2Page - Ledil, Inc. CA12893 Datasheet HTML 3Page - Ledil, Inc. CA12893 Datasheet HTML 4Page - Ledil, Inc. CA12893 Datasheet HTML 5Page - Ledil, Inc. CA12893 Datasheet HTML 6Page - Ledil, Inc. CA12893 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA12893_HEIDI-WR
HEIDI-WR
~30° wide round shaped beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
11.7 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HEIDI-WR
Single lens
PMMA
clear
HEIDI-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12893_HEIDI-WR
» Box size: 480 x 280 x 300 mm
Single lens
3264
204
204
11.1
Last update: 07/06/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CA12893

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12893 CREE-CA12893 Datasheet
470Kb / 9P
Heidi series
More results

Similar Description - CA12893

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15767 LEDIL-CS15767 Datasheet
4Mb / 6P
~30째 wide beam. New revision.
C11715 LEDIL-C11715 Datasheet
1Mb / 6P
~30째 wide beam with 5 optics
C11807 LEDIL-C11807 Datasheet
1Mb / 6P
~30째 wide beam with 6 optics
C11813 LEDIL-C11813 Datasheet
1Mb / 7P
~30째 wide beam with 6 optics
C12288 LEDIL-C12288 Datasheet
1Mb / 6P
~30째 wide beam
C11608 LEDIL-C11608 Datasheet
1Mb / 6P
~30째 wide beam with 3 optics
C11614 LEDIL-C11614 Datasheet
1Mb / 6P
~30째 wide beam with 5 optics
DAISY-MINI-M LEDIL-DAISY-MINI-M Datasheet
2Mb / 5P
~30째 wide beam
C11700 LEDIL-C11700 Datasheet
2Mb / 6P
~30째 wide beam
CP17595 LEDIL-CP17595 Datasheet
1Mb / 4P
~30째 wide beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com