Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51977 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ES51977
Description  Integrated analog-to-digital converter (ADC)with 3 3/4 digits and 42-segment bargraph LCD display
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ES51977 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ES51977 Datasheet HTML 13Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 14Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 15Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 16Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 17Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 18Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 19Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 20Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
91年11月28日
ES51977
3 3/4 AUTO EASY
Package
1 100 Pin QFP Package
W
L
BC
A
D
a
b
θ
d
2 Dimension Paramenters
Milimeter
Mill
Symbol
Min.
Typ. Max.
Min.
Typ.
Max.
W
19.90 20.00 20.10 783.5 787.4 791.3
L
13.90 14.00 14.10 547.2 551.2 551.2
A
0.425
16.7
B
0.20
0.30
0.40
7.9
11.8
11.8
C
0.65
25.6
d
1.05
1.20
1.35
41.3
47.2
47.2
a
2.57
2.72
2.87
101.2 107.1 107.1
D
2.50
98.4
θ
0o
10o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com