Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3407LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP3407LT3G
Description  30V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP3407LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LP3407LT3G Datasheet HTML 1Page - Leshan Radio Company LP3407LT3G Datasheet HTML 2Page - Leshan Radio Company LP3407LT3G Datasheet HTML 3Page - Leshan Radio Company LP3407LT3G Datasheet HTML 4Page - Leshan Radio Company LP3407LT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Drain–Source Breakdown Voltage
(VGS = 0, ID = -250μA)
Zero Gate Voltage Drain Current
(VGS = 0, VDS = -24 V)
(VGS = 0, VDS = -24 V,TJ =55℃)
Gate Leakage Current
(VDS =0V, VGS =±20V)
Gate Threshold Voltage
(VDS = VGS, ID = -250μA)
Static Drain–Source On–State Resistance
(VGS =-10V, ID =-4.1A)
(VGS =-10V, ID =-4.1A, TJ =125°C)
(VGS =-4.5V, ID =-3A)
Forward Transconductance
(VDS =-5V, ID =-4A)
Forward Voltage
(VGS = 0 V, IS = -1A)
Maximum Body-Diode Continuous Current
V
nA
μA
100
Symbol
Min.
-1
-30
-
-
VGS(th)
-1
-1.4
-2.1
IDSS
-
-
-5
-
±100
IGSS
-
-
Unit
V
-
-0.7
VSD
VBRDSS
-
Characteristic
STATIC PARAMETERS
Max.
-
Typ.
-
8.8
V
-
-1
IS
-
-
-2
A
-
95
gfs
-
S
RDS(on)
mΩ
-
-
70
-
Leshan Radio Company, LTD.
2/5
LP3407LT1G
30V P-Channel Enhancement-Mode MOSFET
Dynamic
Input Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Output Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Reverse Transfer Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Gate resistance
(VGS =0V, VDS =0V, f=1MHz)
Total Gate Charge
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Body Diode Reverse Recovery Time
(IF =-4A, dI/dt=100A/µs)
Body Diode Reverse Recovery Charge
(IF =-4A, dI/dt=100A/µs)
Qgd
1.26
-
52
nC
-
2.98
td(off)
10.4
-
-
19
-
5.3
-
Ciss
Coss
-
534
-
60
(VDS = -15V, RL= 3.6
Ω,VGS = -10V,RG = 3.1Ω)
tf
-
7
-
td(on)
tr
ns
nC
Qg(4.5V)
trr
Qrr
11
Qg(10V)
(VDS =-15V,
ID =-4A)
11.4
Qgs
2.3
pF
Crss
5.6
-
Rg
12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Ω
Rev.E Jul. 2020



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com