Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR431AD Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR431AD
Description  Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431AD Datasheet(HTML) 2 Page - Leshan Radio Company

  LR431AD Datasheet HTML 1Page - Leshan Radio Company LR431AD Datasheet HTML 2Page - Leshan Radio Company LR431AD Datasheet HTML 3Page - Leshan Radio Company LR431AD Datasheet HTML 4Page - Leshan Radio Company LR431AD Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LRC
LESHAN RADIO COMPANY,LTD.
A
LUTE A I U RATING
ARA ETER
L
ALUE
UNIT
C
A
3
C
C
R
C
I A
1
1
A
R
I
C
R
I
1
A
T
T
1
°C
A
T
T
°C
T
T
T
1
°C
REC
ENDED
ERATING C NDITI N
ARA ETER
L
IN
T
A
UNIT
C
A
RE
3
C
C
I A
1
1
A
4
-
1
0.5
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
Characteristic
Symbol
Test conditions
MIN
TYP
MAX
UNIT
0.5%
2.488
2.50
2.512
1%
2.475
2.50
2.525
Reference Input Voltage 1
Vref
VKA=VREF,IKA=10mA
V
Deviation of reference Input Voltage
Over temperature
∆Vref
VKA=VREF,IKA=10mA
TMIN
≤TA≤TMAX
4.5
25
mV
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
∆Vref/∆VKA
IKA=10mA
∆VKA=10V~VREF
-1.0
-2.7
mV/V
∆VKA=36V~10V
-0.5
-2.0
Reference Input Current
Iref
IKA=10mA,R1=10k
,R2=
∞
1
2
µA
Deviation of Reference Input Current
Over Ful l Temperature Range
∆Iref/∆T
IKA=10mA,R1=10k
Ω,R2=∞,TA=
full Temperature
0.2
0.4
µA
Minimum cathode current for
regulation
IKA(min)
VKA=VREF
0.3
0.5
mA
Off-state cathode Current
IKA(OFF)
VKA=36V,VREF=0
0.05
0.5
µA
Dynamic Impedance
ZKA
VKA=VREF,IKA=1 to 100mA
f
≤1.0kHz
0.15
0.5
Ω
Ver1.0
2/5
Power Dissipation(SOP8)
530
mW
Pd
Thermal resistance
236
°C/W
Rja



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com