Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10924 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10924
Description  Oval beam for area lighting optimized for CREE XM-L and XR-E
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10924 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10924 Datasheet HTML 1Page - Ledil, Inc. C10924 Datasheet HTML 2Page - Ledil, Inc. C10924 Datasheet HTML 3Page - Ledil, Inc. C10924 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C10924_STRADA-B
STRADA-B
Oval beam for area lighting optimized for CREE
XM-L and XR-E
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
8.2 mm
Fastening
glue, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-B
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C10924_STRADA-B
» Box size: 398 x 298 x 265 mm
5000
300
200
6.1
Last update: 15/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C10924

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10924 CREE-C10924 Datasheet
397Kb / 7P
Strada series
More results

Similar Description - C10924

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10966 LEDIL-C10966 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks and pedestrian walkways optimized for CREE XR-E
C11185 LEDIL-C11185 Datasheet
2Mb / 5P
Beam for area lighting with shorter illumination distance optimized for CREE XR-E
CA13473 LEDIL-CA13473 Datasheet
1Mb / 5P
Wide oval beam for area lighting optimized for CREE XT-E. Assembly with installation tape.
CA14843 LEDIL-CA14843 Datasheet
1Mb / 4P
Wide oval beam for area lighting optimized for CREE XP-L. Assembly with installation tape.
CP12199 LEDIL-CP12199 Datasheet
1Mb / 4P
~40째 wide beam optimized for CREE XM-L
CP12200 LEDIL-CP12200 Datasheet
1Mb / 4P
~55째 wide beam optimized for CREE XM-L
C10926 LEDIL-C10926 Datasheet
1Mb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
FA11939 LEDIL-FA11939 Datasheet
1Mb / 5P
~25째 medium beam optimized for CREE XM-L.
FA13860 LEDIL-FA13860 Datasheet
1Mb / 4P
~10째 x 39째 oval beam optimized for CREE XM-L
CA10927 LEDIL-CA10927 Datasheet
850Kb / 5P
Oval beam for area lighting optimized for CREE XP-E and XP-G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com