Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T00SM6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T00SM6F
Description  Serial Access Real-Time Clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00SM6F Datasheet(HTML) 1 Page - STMicroelectronics

  M41T00SM6F Datasheet HTML 1Page - STMicroelectronics M41T00SM6F Datasheet HTML 2Page - STMicroelectronics M41T00SM6F Datasheet HTML 3Page - STMicroelectronics M41T00SM6F Datasheet HTML 4Page - STMicroelectronics M41T00SM6F Datasheet HTML 5Page - STMicroelectronics M41T00SM6F Datasheet HTML 6Page - STMicroelectronics M41T00SM6F Datasheet HTML 7Page - STMicroelectronics M41T00SM6F Datasheet HTML 8Page - STMicroelectronics M41T00SM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
December 2004
M41T00S
Serial Access Real-Time Clock
FEATURES SUMMARY
■
2.0 TO 5.5V CLOCK OPERATING VOLTAGE
■
COUNTERS FOR SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEAR, AND
CENTURY
■
SOFTWARE CLOCK CALIBRATION
■
AUTOMATIC SWITCH-OVER AND
DESELECT CIRCUITRY (FIXED
REFERENCE)
–VCC = 2.7 to 5.5V
2.5V
≤ VPFD ≤ 2.7V
■
SERIAL INTERFACE SUPPORTS I2C BUS
(400kHz PROTOCOL)
■
LOW OPERATING CURRENT OF 300µA
■
OSCILLATOR STOP DETECTION
■
BATTERY OR SUPER-CAP BACK-UP
■
OPERATING TEMPERATURE OF –40 TO
85°C
■
ULTRA-LOW BATTERY SUPPLY CURRENT
OF 1
µA
Figure 1. Packages
8
1
SO8 (M)
8-pin SOIC


Similar Part No. - M41T00SM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00SM6F STMICROELECTRONICS-M41T00SM6F Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T00SM6F STMICROELECTRONICS-M41T00SM6F Datasheet
772Kb / 28P
Serial real-time clock
01-Aug-2024
More results

Similar Description - M41T00SM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
Serial Access Real-Time Clock with Alarms
13-Nov-2003
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
Serial Access Real-Time Clock
13-Nov-2003
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
Serial access real-time clock
06-Jul-2006
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
Serial access real-time clock with alarm
28-May-2008
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
Serial access real-time clock with alarms
22-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com