Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16996 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16996
Description  Double asymmetric beam designed to highlight pedestrian crossings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16996 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16996 Datasheet HTML 1Page - Ledil, Inc. C16996 Datasheet HTML 2Page - Ledil, Inc. C16996 Datasheet HTML 3Page - Ledil, Inc. C16996 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16996_STRADA-2X2-PX-PC
STRADA-2X2-PX-PC
Double asymmetric beam designed to highlight
pedestrian
crossings
for
right
side
traffic.
Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
8 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-2X2-PX-PC
Multi-lens
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C16996_STRADA-2X2-PX-PC
» Box size: 480 x 280 x 300 mm
800
160
160
7.8
Last update: 01/12/2019
Subject to change without prior notice
Published: 13/06/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C16996

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16900 LEDIL-C16900 Datasheet
6Mb / 5P
~24째 medium beam
C16901 LEDIL-C16901 Datasheet
5Mb / 5P
~36째 wide beam
C16902 LEDIL-C16902 Datasheet
6Mb / 5P
~60째 wide beam
C16903 LEDIL-C16903 Datasheet
9Mb / 5P
~15째 spot beam
C16904 LEDIL-C16904 Datasheet
6Mb / 5P
~24째 medium beam
More results

Similar Description - C16996

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13155 LEDIL-C13155_18 Datasheet
3Mb / 10P
Asymmetric beam
CA16169 LEDIL-CA16169 Datasheet
2Mb / 5P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
CS16401 LEDIL-CS16401_18 Datasheet
6Mb / 6P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic
C14896 LEDIL-C14896 Datasheet
6Mb / 7P
Fully asymmetric beam designed to highlight pedestrian crossings for left side traffic
C16168 LEDIL-C16168 Datasheet
2Mb / 5P
Double asymmetric beam designed to highlight pedestrian crossings for right side traffic.
C16663 LEDIL-C16663 Datasheet
2Mb / 4P
Double asymmetric beam for aisle and shelf lighting
CA14523 LEDIL-CA14523 Datasheet
2Mb / 9P
Asymmetric beam.
C14522 LEDIL-C14522 Datasheet
1Mb / 6P
Asymmetric beam
C12512 LEDIL-C12512 Datasheet
2Mb / 5P
Asymmetric beam
CA12514 LEDIL-CA12514 Datasheet
3Mb / 8P
Asymmetric beam
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com