Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS3DPF60L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS3DPF60L
Description  DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPF60L Datasheet(HTML) 3 Page - STMicroelectronics

  STS3DPF60L Datasheet HTML 1Page - STMicroelectronics STS3DPF60L Datasheet HTML 2Page - STMicroelectronics STS3DPF60L Datasheet HTML 3Page - STMicroelectronics STS3DPF60L Datasheet HTML 4Page - STMicroelectronics STS3DPF60L Datasheet HTML 5Page - STMicroelectronics STS3DPF60L Datasheet HTML 6Page - STMicroelectronics STS3DPF60L Datasheet HTML 7Page - STMicroelectronics STS3DPF60L Datasheet HTML 8Page - STMicroelectronics STS3DPF60L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STS3DPF60L
ELECTRICAL CHARACTERISTICS (CONTINUED)
Table 6: Dynamic
Table 7: Source Drain Diode
(*)
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(•)Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
(*)
Forward Transconductance
VDS = 10 V, ID = 3 A
7.2
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V f = 1 MHz VGS = 0
630
121
49
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 30 V , ID = 1.5 A
RG =4.7 Ω, VGS = 4.5 V
(see Figure 16)
124
54
39
14.5
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD= 48V, ID= 3A VGS=4.5V
(see Figure 19)
11.6
4.5
4.7
15.7
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (•)
Source-drain Current
Source-drain Current (pulsed)
3
12
A
A
VSD
(*)
Forward On Voltage
ISD = 3 A, VGS = 0
1.2
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 3 A, di/dt = 100A/µs
VDD = 30 V, Tj = 150°C
(see Figure 17)
44
68.2
3.1
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com