Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1759907 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1759907
Description  Printed-circuit board connector - MSTB 2,5/12-G-5,08 BK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1759907 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1759907 Datasheet HTML 1Page - PHOENIX CONTACT 1759907 Datasheet HTML 2Page - PHOENIX CONTACT 1759907 Datasheet HTML 3Page - PHOENIX CONTACT 1759907 Datasheet HTML 4Page - PHOENIX CONTACT 1759907 Datasheet HTML 5Page - PHOENIX CONTACT 1759907 Datasheet HTML 6Page - PHOENIX CONTACT 1759907 Datasheet HTML 7Page - PHOENIX CONTACT 1759907 Datasheet HTML 8Page - PHOENIX CONTACT 1759907 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
https://www.phoenixcontact.com/pi/products/1759907
06/30/2020   Page 4 / 12
Printed-circuit board connector - MSTB 2,5/12-G-5,08 BK - 1759907
Technical data
Climatic tests (D)
Cold stress
-40 °C/2 h
Thermal stress
100 °C/168 h
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle
Impulse withstand voltage at sea level
4.8 kV
Power-frequency withstand voltage
2.21 kV
Environmental and durability tests (E)
Specification
IEC 61984:2008-10
Result, degree of protection, IP code
Finger safety with IP20 test finger
Vibration test
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
5 g (60.1 - 150 Hz)
Test duration per axis
2.5 h
Standards and Regulations
Connection in acc. with standard
EN-VDE
CSA
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com