Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA13119 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13119
Description  Short IESNA Type II beam for narrow roads or high poles with extremely low glare
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13119 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13119 Datasheet HTML 1Page - Ledil, Inc. CA13119 Datasheet HTML 2Page - Ledil, Inc. CA13119 Datasheet HTML 3Page - Ledil, Inc. CA13119 Datasheet HTML 4Page - Ledil, Inc. CA13119 Datasheet HTML 5Page - Ledil, Inc. CA13119 Datasheet HTML 6Page - Ledil, Inc. CA13119 Datasheet HTML 7Page - Ledil, Inc. CA13119 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
CA13119_STRADA-SQ-A-T
STRADA-SQ-A-T
Short IESNA Type II beam for narrow roads or
high poles with extremely low glare. Version
with location pins. Assembly with installation
tape. Optimized for CREE XP-L.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
9.1 mm
Fastening
tape, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-A-T
Single lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13119_STRADA-SQ-A-T
» Box size:
Single lens
98
10.1
Last update: 12/07/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/8


Similar Part No. - CA13119

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
Strada series
More results

Similar Description - CA13119

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15058 LEDIL-C15058 Datasheet
3Mb / 5P
Short IESNA Type II beam for narrow roads or high poles with extremely low glare
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
CS15769 LEDIL-CS15769 Datasheet
3Mb / 6P
IESNA Type II (short) beam perfect for high or dense pole setups and European ME roads.
C10818 LEDIL-C10818 Datasheet
1,010Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
C12219 LEDIL-C12219 Datasheet
916Kb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads and paths
C12410 LEDIL-C12410 Datasheet
1Mb / 6P
Short IESNA Type II beam for narrow roads or high poles with extremely low glare
C13118 LEDIL-C13118 Datasheet
1Mb / 5P
Short IESNA Type II beam for narrow roads or high poles with extremely low glare
CA12411 LEDIL-CA12411 Datasheet
1Mb / 7P
Short IESNA Type II beam for narrow roads or high poles with extremely low glare
CA10823 LEDIL-CA10823 Datasheet
1Mb / 5P
Symmetric IESNA Type I (medium) beam for narrow roads
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com