Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA13758 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA13758
Description  Forward throw beam for area lighting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13758 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA13758 Datasheet HTML 1Page - Ledil, Inc. CA13758 Datasheet HTML 2Page - Ledil, Inc. CA13758 Datasheet HTML 3Page - Ledil, Inc. CA13758 Datasheet HTML 4Page - Ledil, Inc. CA13758 Datasheet HTML 5Page - Ledil, Inc. CA13758 Datasheet HTML 6Page - Ledil, Inc. CA13758 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA13758_STRADA-SQ-FS-NP
STRADA-SQ-FS-NP
Forward
throw
beam
for
area
lighting.
Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
12.6 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-FS-NP
Single lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA13758_STRADA-SQ-FS-NP
» Box size: 480 x 280 x 300 mm
Single lens
1568
294
98
6.5
Last update: 17/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CA13758

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13758 CREE-CA13758 Datasheet
1Mb / 29P
Strada series
logo
Lumileds Lighting Compa...
CA13758_STRADA-SQ-FS-NP LUMILEDS-CA13758_STRADA-SQ-FS-NP Datasheet
1Mb / 19P
PRODUCT DATASHEET Strada-SQ series
More results

Similar Description - CA13758

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13477 LEDIL-CA13477 Datasheet
1Mb / 5P
Forward throw beam for area lighting. Assembly with installation tape.
C13476 LEDIL-C13476 Datasheet
1Mb / 4P
Forward throw beam for area lighting
C16248 LEDIL-C16248 Datasheet
1Mb / 4P
Wide IESNA Type IV beam with forward-throw beam for wide area lighting like car parks.
C14731 LEDIL-C14731 Datasheet
3Mb / 3P
Narrow forward throw beam for area lighting.
C12049 LEDIL-C12049 Datasheet
1Mb / 6P
Forward throw beam for area lighting optimized for XP-G and XP-E
C13757 LEDIL-C13757 Datasheet
1Mb / 6P
Forward throw beam for area lighting
C13896 LEDIL-C13896 Datasheet
1Mb / 9P
Forward throw beam for area lighting
CA13752 LEDIL-CA13752 Datasheet
2Mb / 9P
Forward throw beam for area lighting. Assembly with installation tape
CA13897 LEDIL-CA13897 Datasheet
2Mb / 10P
Forward throw beam for area lighting
CA12050 LEDIL-CA12050 Datasheet
1Mb / 9P
Forward throw beam for area lighting optimized for XP-G and XP-E.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com