Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2536498 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2536498
Description  Rotary actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2536498 Datasheet(HTML) 1 Page - Festo Corporation.

  2536498 Datasheet HTML 1Page - Festo Corporation. 2536498 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rotary actuator
DRVS-32-270-P-EX4
Part number: 2536498
Data sheet
Feature
Value
Size
32
Cushioning angle
0.5 deg
Swivel angle
0 deg ... 270 deg
Type code
DRVS
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Rotary vane
Position sensing
For proximity sensor
Symbol
00991265
Variants
Spigot shaft
Operating pressure
2 bar ... 8 bar
Max. swivel frequency at 6 bar
2 Hz
ATEX category gas
II 2G
Type of ignition protection for gas
Ex h IIC T4 Gb X
ATEX category for dust
II 2D
Type of (ignition) protection for dust
Ex h IIIC T120°C Db X
Explosive ambient temperature
0°C <= Ta <= +60°C
Explosion prevention and protection
Zone 1 (ATEX)
Zone 21 (ATEX)
Zone 2 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
CE marking (see declaration of conformity)
as per EU explosion protection directive (ATEX)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
0 °C ... 60 °C
Max. axial force
75 N
Max. radial force
200 N
Theoretical torque at 6 bar
10 Nm
Permissible mass moment of inertia
0.02 kgm²
Product weight
896 g
Type of mounting
With internal thread
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Drive shaft material
Steel, nickel-plated
8/5/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 2536498

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2536490 FESTO-2536490 Datasheet
96Kb / 2P
Rotary actuator
2536491 FESTO-2536491 Datasheet
96Kb / 2P
Rotary actuator
2536492 FESTO-2536492 Datasheet
96Kb / 2P
Rotary actuator
2536493 FESTO-2536493 Datasheet
95Kb / 2P
Rotary actuator
2536494 FESTO-2536494 Datasheet
96Kb / 2P
Rotary actuator
More results

Similar Description - 2536498

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DRVS-32-180-P-EX4 FESTO-DRVS-32-180-P-EX4 Datasheet
97Kb / 2P
Rotary actuator
DSM-10-240-P-A FESTO-DSM-10-240-P-A Datasheet
91Kb / 1P
Rotary actuator
DSM-10-240-P-A-FF-FW FESTO-DSM-10-240-P-A-FF-FW Datasheet
106Kb / 1P
Rotary actuator
DSM-10-240-P-FW FESTO-DSM-10-240-P-FW Datasheet
96Kb / 1P
Rotary actuator
DSM-12-270-P1-A-B FESTO-DSM-12-270-P1-A-B Datasheet
102Kb / 1P
Rotary actuator
DSM-16-270-A-B FESTO-DSM-16-270-A-B Datasheet
96Kb / 1P
Rotary actuator
DSM-16-270-CC-A-B FESTO-DSM-16-270-CC-A-B Datasheet
92Kb / 1P
Rotary actuator
DRVS-8-90-P-EX4 FESTO-DRVS-8-90-P-EX4 Datasheet
94Kb / 2P
Rotary actuator
DRVS-8-180-P FESTO-DRVS-8-180-P Datasheet
90Kb / 1P
Rotary actuator
DRVS-16-90-P-EX4 FESTO-DRVS-16-90-P-EX4 Datasheet
96Kb / 2P
Rotary actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com