Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12012 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12012
Description  ~40째 x 12째 oval beam optimized for CREE XP-E.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12012 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12012 Datasheet HTML 1Page - Ledil, Inc. CA12012 Datasheet HTML 2Page - Ledil, Inc. CA12012 Datasheet HTML 3Page - Ledil, Inc. CA12012 Datasheet HTML 4Page - Ledil, Inc. CA12012 Datasheet HTML 5Page - Ledil, Inc. CA12012 Datasheet HTML 6Page - Ledil, Inc. CA12012 Datasheet HTML 7Page - Ledil, Inc. CA12012 Datasheet HTML 8Page - Ledil, Inc. CA12012 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CA12012_LAURA-O-PIN
LAURA-O-PIN
~40° x 12° oval beam optimized for CREE XP-E.
Assembly with white holder, installation tape
and location pins.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 mm
Height
13.1 mm
Fastening
tape, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LAURA-O
Single lens
PMMA
clear
LAURA-PIN-XP-HLD-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12012_LAURA-O-PIN
» Box size: 450 x 260 x 160 mm
Single lens
1440
360
180
7.5
Last update: 15/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/9


Similar Part No. - CA12012

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12012 CREE-CA12012 Datasheet
1Mb / 19P
Laura series
More results

Similar Description - CA12012

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA12795 LEDIL-FCA12795 Datasheet
5Mb / 4P
~40째 x 30째 oval beam optimized for CREE XP-E.
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
CA11484 LEDIL-CA11484 Datasheet
3Mb / 9P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA12392 LEDIL-CA12392 Datasheet
2Mb / 7P
~40째 wide beam optimized for CREE XP-E.
CA14511 LEDIL-CA14511 Datasheet
7Mb / 13P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14512 LEDIL-CA14512 Datasheet
2Mb / 7P
~10째 x 40째 oval beam optimized for CREE XP-E.
CP11634 LEDIL-CP11634 Datasheet
1Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E.
CP12395 LEDIL-CP12395 Datasheet
1Mb / 5P
~40째 wide beam optimized for CREE XP-E.
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
FA11116 LEDIL-FA11116 Datasheet
2Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com