Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF70P Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # DF70P
Description  High Current Automobile Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DF70P Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  DF70P Datasheet HTML 1Page - HY ELECTRONIC CORP. DF70P Datasheet HTML 2Page - HY ELECTRONIC CORP. DF70P Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
●
Better heat dissipation
●
Low power loss
RoHS
COMPLIANT
Mechanical Data
●
Case: Press-Fit
●
Polarity:P= ANODE ON LEAD WIRE, N= CATHODE ON LEAD WIRE
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
Generally applied in alternator, motorbike , automobile, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
Unit
Maximum Peak Repetitive Reverse Voltage @Irrm=100mA
VRM
V
Peak Repetitive Reverse Voltage @TJ=175℃
VRRM
V
Maximum Transient Peak Reverse Current (TW=80ms, TC=25℃)
IRSM
V
Maximum Average Forward Current IO@TC=150℃
60HZ,resistive or inductive load
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Maximum Inst. Forward Voltage Drop,IF at 100Amp
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
Peak Repetitive Reverse Voltage @TJ=175℃
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
DF70*-S-00/99-00/01
Rev. 11, 18-May-2020
DF70P(N)
Reverse Voltage - 40 to 45Volts
Forward Current -70 Amperes
●
High reliability
Pb
High Current Automobile Rectifier
●
High surge forward current capability
Package Outline Dimensions in Inches (Millimeters)
DF70P(N)
40-45
35
35
70
1.02
1
100
0.4
-40to+200
-40to+200
IFSM
IR
A
uA
710
PRESS-FIT
PRESS-FIT


Similar Part No. - DF70P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DF700S20B TOKEN-DF700S20B Datasheet
524Kb / 19P
DF-B Dielectric Filters
logo
Renesas Technology Corp
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
More results

Similar Description - DF70P

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ARS25A-ARS25M HY-ARS25A-ARS25M Datasheet
34Kb / 2P
HIGH CURRENT AUTOMOBILE RECTIFIER
ARS35A HY-ARS35A Datasheet
34Kb / 2P
HIGH CURRENT AUTOMOBILE RECTIFIER
AR25A HY-AR25A_17 Datasheet
140Kb / 3P
HIGH CURRENT AUTOMOBILE RECTIFIER
AR35A HY-AR35A_17 Datasheet
140Kb / 3P
HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A HY-ARS25A_17 Datasheet
140Kb / 3P
HIGH CURRENT AUTOMOBILE RECTIFIER
ARS50A HY-ARS50A_17 Datasheet
140Kb / 3P
HIGH CURRENT AUTOMOBILE RECTIFIER
AR25A HY-AR25A_V01 Datasheet
377Kb / 3P
High Current Automobile Rectifier
AR50A HY-AR50A_V01 Datasheet
377Kb / 3P
High Current Automobile Rectifier
DB35P HY-DB35P Datasheet
366Kb / 3P
High Current Automobile Rectifier
DV354P HY-DV354P Datasheet
363Kb / 3P
High Current Automobile Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com