Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24SWRPQK Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 24SWRPQK
Description  24 Channel MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

24SWRPQK Datasheet(HTML) 7 Page - Maxwell Technologies

Back Button 24SWRPQK Datasheet HTML 3Page - Maxwell Technologies 24SWRPQK Datasheet HTML 4Page - Maxwell Technologies 24SWRPQK Datasheet HTML 5Page - Maxwell Technologies 24SWRPQK Datasheet HTML 6Page - Maxwell Technologies 24SWRPQK Datasheet HTML 7Page - Maxwell Technologies 24SWRPQK Datasheet HTML 8Page - Maxwell Technologies 24SWRPQK Datasheet HTML 9Page - Maxwell Technologies 24SWRPQK Datasheet HTML 10Page - Maxwell Technologies 24SWRPQK Datasheet HTML 11Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
24 Channel MOSFET Driver
24SW
01.10.05 Rev 2
TABLE 2. 24SW ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage Range
V
15V
--
16.5
V
V
-15V
-16.5
--
V
Switch Input Voltage Range
-1.0
40
V
Storage Temperature Range
T
S
-55
125
°C
Operational Temperature Range
T
A
-40
110
°C
Maximum Power Dissipation
Per Switch
Per Module
P
D
--
--
2.04
10.0
W
Thermal Resistance, Junction to Mounting Base of Case
Θ
JC
--
6.5
°C/
W
Junction Temperature
T
J
--
125
°C
TABLE 3. 24SW RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage Range
V
15V
13.5
16.5
V
V
-15V
-13.5
-16.5
V
Control Input High Voltage
V
IH
2.4
V
5V + 0.5
V
Control Input Low Voltage
V
IL
DGND - 0.5
0.8
V
Operational Temperature Range (Case temperature) 1
1. As long as the 125 °C junction temperature limit is not exceeded.
T
A
-40
110
°C
Power Dissipation
P
D
--
6.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com