Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12665 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12665
Description  ~14째 diffused spot beam optimized for CREE XB-D
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12665 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12665 Datasheet HTML 1Page - Ledil, Inc. CA12665 Datasheet HTML 2Page - Ledil, Inc. CA12665 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
CA12665_LXB2-D
LXB2-D
~14° diffused spot beam optimized for CREE
XB-D. 14.6 mm high assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.6 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-D
Single lens
PMMA
clear
LXB2-LH1-TAPE
Holder
PC
black
HEIDI-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12665_LXB2-D
» Box size: 480 x 280 x 300 mm
Single lens
1680
112
9.4
Last update: 24/01/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - CA12665

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
Leila series
CA12665-LXB2-D CREE-CA12665-LXB2-D Datasheet
830Kb / 9P
Leila series
More results

Similar Description - CA12665

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11016 LEDIL-CA11016_18 Datasheet
3Mb / 6P
~14째 spot beam optimized for CREE XP-E.
FCN10810 LEDIL-FCN10810 Datasheet
1Mb / 4P
~14째 diffused spot beam optimized for CREE XR-E. 16.5 mm high assembly.
CA11482 LEDIL-CA11482 Datasheet
2Mb / 8P
~14째 diffused spot beam optimized for CREE XP-E
CA12666 LEDIL-CA12666 Datasheet
1Mb / 4P
~25째 medium beam optimized for CREE XB-D.
CA12667 LEDIL-CA12667 Datasheet
1Mb / 4P
~40째 wide beam optimized for CREE XB-D.
CP11632 LEDIL-CP11632 Datasheet
3Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
FA10663 LEDIL-FA10663 Datasheet
1Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
FA10695 LEDIL-FA10695 Datasheet
1Mb / 5P
~14째 diffused spot beam optimized for Nichia NS6x83
FA11938 LEDIL-FA11938 Datasheet
1Mb / 5P
~14째 diffused spot beam optimized for CREE XM-L
CP17588 LEDIL-CP17588 Datasheet
1Mb / 4P
~14째 diffused spot beam
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com