Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12667 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12667
Description  ~40째 wide beam optimized for CREE XB-D.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12667 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12667 Datasheet HTML 1Page - Ledil, Inc. CA12667 Datasheet HTML 2Page - Ledil, Inc. CA12667 Datasheet HTML 3Page - Ledil, Inc. CA12667 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA12667_LXB2-W
LXB2-W
~40° wide beam optimized for CREE XB-D. 14.6
mm high assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.6 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-W
Single lens
PMMA
LXB2-LH1-TAPE
Holder
PC
black
HEIDI-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA12667_LXB2-W
» Box size:
Single lens
1680
112
9.7
Last update: 07/03/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CA12667

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12667 CREE-CA12667 Datasheet
251Kb / 5P
Leila series
CA12667-LXB2-W CREE-CA12667-LXB2-W Datasheet
830Kb / 9P
Leila series
More results

Similar Description - CA12667

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12570 LEDIL-CA12570 Datasheet
2Mb / 4P
~40째 wide beam optimized for Nichia 19
CP12820 LEDIL-CP12820 Datasheet
2Mb / 4P
~40째 wide beam optimized
CP12199 LEDIL-CP12199 Datasheet
1Mb / 4P
~40째 wide beam optimized for CREE XM-L
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
CA12392 LEDIL-CA12392 Datasheet
2Mb / 7P
~40째 wide beam optimized for CREE XP-E.
CA12665 LEDIL-CA12665 Datasheet
485Kb / 3P
~14째 diffused spot beam optimized for CREE XB-D
CA12666 LEDIL-CA12666 Datasheet
1Mb / 4P
~25째 medium beam optimized for CREE XB-D.
CP12395 LEDIL-CP12395 Datasheet
1Mb / 5P
~40째 wide beam optimized for CREE XP-E.
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
CN13145 LEDIL-CN13145 Datasheet
2Mb / 4P
~40째 wide beam with holder optimized for CREE CXA1507
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com