Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA14508 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA14508
Description  ~14째 diffused spot beam with light, black holder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14508 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA14508 Datasheet HTML 1Page - Ledil, Inc. CA14508 Datasheet HTML 2Page - Ledil, Inc. CA14508 Datasheet HTML 3Page - Ledil, Inc. CA14508 Datasheet HTML 4Page - Ledil, Inc. CA14508 Datasheet HTML 5Page - Ledil, Inc. CA14508 Datasheet HTML 6Page - Ledil, Inc. CA14508 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA14508_G2-LXP2-D
G2-LXP2-D
~14° diffused spot beam with light, black holder.
Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.8 mm
Height
14.7 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-D
Single lens
PMMA
clear
LXP2-LT-HLD
Holder
PC
black
HEIDI-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CA14508_G2-LXP2-D
» Box size: 480 x 280 x 300 mm
Single lens
1680
0
112
0.0
Last update: 23/02/2015
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - CA14508

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA14508 CREE-CA14508 Datasheet
1,010Kb / 16P
Leila series
More results

Similar Description - CA14508

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
~14째 smooth spot beam. Assembly with black holder and installation tape.
FCA15048 LEDIL-FCA15048 Datasheet
2Mb / 5P
~14째 smooth spot beam optimized for Nichia NCSU033 and NCSU034. Assembly with light, black holder.
CP16937 LEDIL-CP16937 Datasheet
3Mb / 4P
~14째 spot beam.
CP15212 LEDIL-CP15212 Datasheet
3Mb / 6P
~14째 spot beam.
CA14506 LEDIL-CA14506 Datasheet
2Mb / 8P
~8.5째 spot beam with light, black holder
FA10695 LEDIL-FA10695 Datasheet
1Mb / 5P
~14째 diffused spot beam optimized for Nichia NS6x83
C13236 LEDIL-C13236 Datasheet
2Mb / 7P
~14째 spot beam
CP17594 LEDIL-CP17594 Datasheet
1Mb / 4P
~14째 spot beam
CP17588 LEDIL-CP17588 Datasheet
1Mb / 4P
~14째 diffused spot beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com