Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP17151 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP17151
Description  ~10째 spot beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17151 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP17151 Datasheet HTML 1Page - Ledil, Inc. CP17151 Datasheet HTML 2Page - Ledil, Inc. CP17151 Datasheet HTML 3Page - Ledil, Inc. CP17151 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP17151_LEILA-2X8-RS
LEILA-2X8-RS
~10° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
175.0 x 43.0 mm
Height
14.3 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-RS
Single lens
PMMA
clear
LEILA-FRAME-2X8
Holder
PC
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP17151_LEILA-2X8-RS
» Box size: 480 x 280 x 300 mm
Single lens
160
20
10
10.0
Last update: 31/03/2020
Subject to change without prior notice
Published: 01/04/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - CP17151

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP17153 LEDIL-CP17153 Datasheet
2Mb / 4P
~12째 spot beam
CP17154 LEDIL-CP17154 Datasheet
2Mb / 4P
~20째 wide beam
More results

Similar Description - CP17151

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F14532 LEDIL-F14532 Datasheet
10Mb / 19P
~10째 spot beam
FCP15344 LEDIL-FCP15344 Datasheet
9Mb / 6P
~10째 spot beam
CP14866 LEDIL-CP14866 Datasheet
13Mb / 9P
~10째 real spot beam
FCA15449 LEDIL-FCA15449 Datasheet
8Mb / 5P
~10째 real spot beam
CN12299 LEDIL-CN12299 Datasheet
2Mb / 4P
~10째 infrared spot beam with holder
CP16940 LEDIL-CP16940 Datasheet
5Mb / 4P
~10째 spot beam
CP15916 LEDIL-CP15916 Datasheet
18Mb / 13P
~10째 spot beam.
FCP14965 LEDIL-FCP14965 Datasheet
5Mb / 6P
~10째 spot beam
C16686 LEDIL-C16686 Datasheet
11Mb / 11P
~10째 spot beam
CN10861 LEDIL-CN10861 Datasheet
9Mb / 9P
~10째 spot beam with holder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com