Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA10663 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10663
Description  ~14째 diffused spot beam optimized for CREE XP-E
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10663 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10663 Datasheet HTML 1Page - Ledil, Inc. FA10663 Datasheet HTML 2Page - Ledil, Inc. FA10663 Datasheet HTML 3Page - Ledil, Inc. FA10663 Datasheet HTML 4Page - Ledil, Inc. FA10663 Datasheet HTML 5Page - Ledil, Inc. FA10663 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FA10663_LXP-D
LXP-D
~14° diffused spot beam optimized for CREE
XP-E. 14.7 mm high assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.7 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LR1-D
Single lens
PMMA
clear
LXP-LH1-TAPE-BLK
Holder
PC
black
LEILA-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FA10663_LXP-D
» Box size:
Single lens
2304
288
144
11.8
Last update: 10/04/2014
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - FA10663

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
Leila series
More results

Similar Description - FA10663

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10644 LEDIL-FA10644_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E
CA11016 LEDIL-CA11016_18 Datasheet
3Mb / 6P
~14째 spot beam optimized for CREE XP-E.
CA11420 LEDIL-CA11420_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E.
CP12677 LEDIL-CP12677 Datasheet
2Mb / 4P
~14째 spot beam optimized for CREE XP-E. Assembly with holder.
CA12816 LEDIL-CA12816 Datasheet
4Mb / 5P
~8.5째 spot beam optimized for CREE XP-E
CA11482 LEDIL-CA11482 Datasheet
2Mb / 8P
~14째 diffused spot beam optimized for CREE XP-E
CA11959 LEDIL-CA11959 Datasheet
1Mb / 10P
~8째 spot beam optimized for CREE XP-E
CA11960 LEDIL-CA11960 Datasheet
2Mb / 10P
~15째 diffused spot beam optimized for CREE XP-E
CP11632 LEDIL-CP11632 Datasheet
3Mb / 6P
~14째 diffused spot beam optimized for CREE XP-E
CA12375 LEDIL-CA12375 Datasheet
8Mb / 9P
~16째 diffused spot beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com