Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA13860 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA13860
Description  ~10째 x 39째 oval beam optimized for CREE XM-L
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA13860 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA13860 Datasheet HTML 1Page - Ledil, Inc. FA13860 Datasheet HTML 2Page - Ledil, Inc. FA13860 Datasheet HTML 3Page - Ledil, Inc. FA13860 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA13860_LXM-O-90
LXM-O-90
~10° x 39° oval beam optimized for CREE XM-L.
15.1 mm high assembly with installation tape.
Variant with beam direction rotated 90°.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
15.1 mm
Fastening
tape
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LE1-O-90
Single lens
PMMA
clear
LXM-LH1-TAPE-BLK
Holder
PC
black
LEILA-TAPE
Tape
PU tape
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FA13860_LXM-O-90
» Box size: 470 x 235 x 270 mm
Single lens
2304
288
144
10.2
Last update: 14/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - FA13860

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA13860 CREE-FA13860 Datasheet
307Kb / 5P
Leila series
More results

Similar Description - FA13860

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12199 LEDIL-CP12199 Datasheet
1Mb / 4P
~40째 wide beam optimized for CREE XM-L
CP12200 LEDIL-CP12200 Datasheet
1Mb / 4P
~55째 wide beam optimized for CREE XM-L
FCA12777 LEDIL-FCA12777 Datasheet
3Mb / 5P
~25째 medium beam optimized for CREE XM-L.
CA11484 LEDIL-CA11484 Datasheet
3Mb / 9P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14511 LEDIL-CA14511 Datasheet
7Mb / 13P
~10째 x 40째 oval beam optimized for CREE XP-E.
CA14512 LEDIL-CA14512 Datasheet
2Mb / 7P
~10째 x 40째 oval beam optimized for CREE XP-E.
CP11634 LEDIL-CP11634 Datasheet
1Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E.
FA11116 LEDIL-FA11116 Datasheet
2Mb / 6P
~10째 x 40째 oval beam optimized for CREE XP-E
FA11939 LEDIL-FA11939 Datasheet
1Mb / 5P
~25째 medium beam optimized for CREE XM-L.
FCN12775 LEDIL-FCN12775 Datasheet
4Mb / 6P
~40째 x 30째 oval beam with sublens and holder optimized for CREE XM-L.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com