Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3JBQ Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # GS3JBQ
Description  Surface Mount General Purpose Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GS3JBQ Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  GS3JBQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GS3JBQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GS3ABQ THRU GS3MBQ
3 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S2801
Rev.1.1,15-Jun-20
www.21yangjie.com
Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
GS3ABQ-GS3MBQ
F1
Approximate 0.1003
3000
6000
48000
13” reel
Outline Dimensions
DO-214AA(SMB)
Dim
Min
Max
A
1.85
2.15
B
3.30
3.94
C
4.25
4.75
D
1.99
2.61
E
5.21
5.59
F
0.90
1.41
G
0.10
0.20
H
0.15
0.31
Suggested pad layout
DO-214AA(SMB)
Dim
Millimeters
P1
6.8
P2
4.3
P3
1.8
Q1
2.5
Q2
2.3
Dimensions in millimeters
DO-214AA(SMB)
A
B
C
D
E
F
H
G
Dimensions in millimeters
P2
Q2
Q1
P1
P3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com