Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12512 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12512
Description  Asymmetric beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12512 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12512 Datasheet HTML 1Page - Ledil, Inc. C12512 Datasheet HTML 2Page - Ledil, Inc. C12512 Datasheet HTML 3Page - Ledil, Inc. C12512 Datasheet HTML 4Page - Ledil, Inc. C12512 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C12512_RITA-A
RITA-A
Asymmetric beam
TECHNICAL SPECIFICATIONS:
Dimensions
36.0 x 28.4 mm
Height
17.1 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
RITA-A
Reflector
HRPC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12512_RITA-A
» Box size: 480 x 280 x 300 mm
810
54
4.2
Last update: 11/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - C12512

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12512 CREE-C12512 Datasheet
783Kb / 13P
Rita series
C12512-RITA-A CREE-C12512-RITA-A Datasheet
504Kb / 7P
Rita series
More results

Similar Description - C12512

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13155 LEDIL-C13155_18 Datasheet
3Mb / 10P
Asymmetric beam
C14346 LEDIL-C14346 Datasheet
17Mb / 19P
Asymmetric wall-washer beam
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
F16859 LEDIL-F16859 Datasheet
4Mb / 6P
Asymmetric beam for wall washing
CA14523 LEDIL-CA14523 Datasheet
2Mb / 9P
Asymmetric beam.
C14522 LEDIL-C14522 Datasheet
1Mb / 6P
Asymmetric beam
FCA13329 LEDIL-FCA13329 Datasheet
4Mb / 8P
Asymmetric beam for billboards.
FN13888 LEDIL-FN13888 Datasheet
2Mb / 8P
Asymmetric beam for billboards.
CA12514 LEDIL-CA12514 Datasheet
3Mb / 8P
Asymmetric beam
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com